Part Number Hot Search : 
M74HC3 2010D 5KP90A A1512 TFS140X LTC6257 1N3909 TIP120
Product Description
Full Text Search
 

To Download MBRF20200CT-LJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr 20200 ct / mbrf 20200 ct document number: ds 36513 rev . 6 - 2 1 of 4 www.diodes.com april 2015 ? diodes incorporated mbr20200ct / mbrf20200ct 20a schottky barrier rectifier product summary mbr20 200 ct / mbrf20 200 ct ( per leg ) description and applications this schottky barrier rectifier is designed to meet the general requirements of commercial applications. it is ideally suited for use as: ? polarity protection diode ? re - circulating diode ? switching diode v rrm (v) i o (a) v f ( max ) (v) @ +25c i r ( max ) (ma) @ +25c 20 0 10 0.89 0. 1 features and benefits ? guard ring die construction for transient protection ? high surge current capability ? low forward voltage drop ? lead - free finish; rohs compliant (notes 1 & 2) ? halogen and antimony free. green device (note 3) ? qualified to aec - q101 standards for high reliability mechanical data ? case: to - 220ab, ito - 220ab ? case material: molded plastic, green molding c ompound ; ul flammability classification rating 94v - 0 ? moisture sensitivity: level 1 per j - std - 020 ? terminals: finish - matte tin a nnealed over copper l eadframe ; solderable per mil - std - 202, method 208 ? polarity: see below ? weight: to - 220ab C 1. 95 grams ( a pproximate) ito - 220ab C 1.6 9 grams ( a pproximate) ordering information (note 4 ) part number case packaging mbr20200 ct - lj to - 220ab (type c) 50 pieces/tube mbrf20 2 00 ct - lj ito - 220ab ( to220f - 3 ) 50 pieces/tube notes: 1. eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of halogen - and antimony - free, "green" and lead - free. 3. halogen - and an timony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/products/packages.htm l. marking informat ion to - 220ab top view ito - 220ab top view package pin out configuration to - 220ab bottom view ito - 220ab bottom view mbrf20 200 ct = product type marking code ab = foundry and assembly code yyww = date code marking yy = last t wo d igits of y ear (ex: 1 5 = 201 5 ) ww = week (01 - 53) mbr2 0 200 ct = product type marking code ab = foundry and assembly code yyww = date code marking yy = last t wo d igits of y ear (ex: 1 5 = 201 5 ) ww = week (01 - 53) green
mbr 20200 ct / mbrf 20200 ct document number: ds 36513 rev . 6 - 2 2 of 4 www.diodes.com april 2015 ? diodes incorporated mbr20200ct / mbrf20200ct maximum ratings (per leg) (@ t a = +25c, unless otherwise specified.) single phase, half wave, 60hz, resistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 200 v average rectified output current (per leg) (total) i o 1 0 20 a non - repetitive peak forward surge current 8.3ms single half sine - wave superimposed on rated load i fsm 170 a thermal characteristics (per leg) characteristic symbol value unit typical thermal resistance, junction to case (note 5 ) package = to - 220ab package = ito - 220ab r jc j a 15 25 c/w operating and storage temperature range t j , t stg - 55 to + 1 75 c electrical characteristics (per leg) (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition forward voltage drop v f 0. 85 0. 89 0. 75 v i f = 10 a, t j = + 25 c i f = 10 a, t j = + 125 c leakage current (note 6 ) i r 0. 1 10 ma v r = 200 v , t j = + 25 c v r = 200 v , t j = + 125 c notes: 5. device mounted on heat sink (45mm x 20mm x12mm) , with minimum recommended pad layout per http://www.diodes.com . 6 . short duration pulse test used to minimize self - heating effect 0.0 2.0 4.0 6.0 8.0 0 2 4 6 8 10 12 i average forward current (a) figure 1 forward power dissipation f(av) p , p o w e r d i s s i p a t i o n ( w ) d t = 175c j 0.0001 0.001 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 figure 2 typical forward characteristics v , instantaneous forward voltage (v) f i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f t = 25c a t = 85c a t = 125c a t = 150c a t = 175c a
mbr 20200 ct / mbrf 20200 ct document number: ds 36513 rev . 6 - 2 3 of 4 www.diodes.com april 2015 ? diodes incorporated mbr20200ct / mbrf20200ct package outline dimensions please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. ito - 220ab ( to220f - 3 ) dim min max typ a 4.300 4.900 - a2 2.520 2.920 - a3 2.350 2.900 - b 0.550 0.900 - b1 1.000 1.400 - b2 1.100 1.500 - c 0.450 0.600 - d 9.70 10.30 - e 14.70 16.00 - e - - 2.540 l 12.50 13.50 - l1 2.790 4.500 - x 6.90 7.10 - y 3.000 3.400 - y1 3.370 3.900 - ? 3.000 3.550 - all dimensions in mm to - 2 20ab (type c) dim min max typ a 4.4 4.6 4.500 a 2 2.2 2.5 2.400 a 3 1.2 1.4 1.300 b 0.700 0.900 - b1 1.17 1.39 1.270 c 0. 400 0. 600 - d 9.800 10.200 - e 9.000 9.400 - e - - 2.54 h1 6.300 6.700 - l 12.600 13.600 - l 1 9.600 10.600 - y - - 11.100 ? 3.560 3.640 - all dimensions in mm 0.00001 0.0001 0.001 0 50 100 150 200 i , i n s t a n t a n e o u s l e a k a g e c u r r e n t ( m a ) r figure 3 typical reverse characteristics v , instantaneous reverse voltage (v) r t = 25c a t = 85c a t = 125c a t = 150c a t = 175c a 0.01 0.1 1 10 0.0 1.0 2.0 3.0 4.0 5.0 6.0 0 25 50 75 100 125 150 175 figure 4 forward current derating curve t , ambient temperature (c) a i , a v e r a g e f o r w a r d c u r r e n t ( a ) f ( a v ) d x y y1 e l l1 b1 b2 b e e a3 a a2 c ? 3 d y e l l1 h1 3 3 a a2 c e e a3 1.30 1.70 0.60 ? b b1
mbr 20200 ct / mbrf 20200 ct document number: ds 36513 rev . 6 - 2 4 of 4 www.diodes.com april 2015 ? diodes incorporated mbr20200ct / mbrf20200ct important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents und er the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any cus tomer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless aga inst all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthor ized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauth orized application, customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated wi th such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product nam es and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life s upport diodes incorporated products are specifically not authorized for use as critical components in life support devices or system s without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life su pport devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or t o affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related requirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be p rovided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyr ight ? 2015 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of MBRF20200CT-LJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X